PART |
Description |
Maker |
ISL9R1560G2 ISL9R1560S3S ISL9R1560P2 ISL9R1560S2 I |
15A, 600V StealthDiode 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-262 15A, 600V Stealth Diode 15A/ 600V Stealth Diode 15A, 600V Stealth⑩ Diode 15A, 600V Stealth Single Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RHRP640CC FN4464 RHRP660CC RHRP650CC |
6A, 600V Ultrafast Dual Diodes(6A, 600V 瓒?揩??????) 6A/ 400V - 600V Hyperfast Dual Diodes 6A, 600V Ultrafast Dual Diodes(6A, 600V 超快双二极管) 6A, 400V - 600V Hyperfast Dual Diodes From old datasheet system
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
D1NF60 |
Super Fast Recovery Rectifiers(600V 0.8A) 超快速恢复(600V.8A
|
Shindengen Electric Mfg.Co.... Shindengen Electric Mfg.Co.Ltd Glenair, Inc.
|
IRG4PC40K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
|
IRF[International Rectifier]
|
IRG4BC20KS IRG4BC20K-S |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
|
IRF[International Rectifier]
|
IRG4BC20S |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
|
IRF[International Rectifier]
|
IRG4PC50W IRG4PC50WPBF |
600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
FCH041N60F |
N-Channel SuperFETII FRFETMOSFET 600V, 76A, 41m 600V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|
RHRP860CC FN3964 RHRP840CC |
8A, 400V - 600V Hyperfast Dual Diodes 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB 8A/ 400V - 600V Hyperfast Dual Diodes 8A, 400V - 600V Hyperfast Dual Diodes(8A, 400V-600V 超快速二极管) 8 A, 400 V, SILICON, RECTIFIER DIODE From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
IRFBC40S IRFBC40L IRFBC40STRR IRFBC40STRL |
600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A) Power MOSFET(Vdss=600V Rds(on)=1.2ohm Id=6.2A) CAP CER 1500PF 100V 20% X7R 0603 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)\u003d 1.2ohm,身份证\u003d 6.2A
|
IRF[International Rectifier] International Rectifier, Corp.
|
FFP08S60SN FFP08S60SNTU |
8A, 600V STEALTH II Rectifier; Package: TT220; No of Pins: 2; Container: Rail 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC 8A, 600V STEALTHTM II Rectifier
|
Fairchild Semiconductor, Corp.
|